PART |
Description |
Maker |
LD20 LD40 LD10 LD13 LD12 LD06 LD08 |
High Voltage MLC Chips Tin/Lead Termination “B For 600V to 5000V Applications High Voltage MLC Chips Tin/Lead Termination “B?For 600V to 5000V Applications
|
AVX Corporation
|
1808GA105JA11A 0805GA105JA11A 1808GA105JA13A 0805G |
High Voltage MLC Chips For 600V to 5000V Applications High Voltage MLC Chips For 600V to 5000V Applications For 600V to 5000V Applications
|
AVX Corporation
|
3VD250600YL |
HIGH VOLTAGE MOSFET CHIPS
|
Silan Microelectronics Joint-stock
|
3VD186700YL |
HIGH VOLTAGE MOSFET CHIPS
|
Silan Microelectronics Joint-stock
|
HER406G HER406 |
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER (VOLTAGE 600 Volts CURRENT 4.0 Ampere) 4 A, 600 V, SILICON, RECTIFIER DIODE, DO-201AD
|
RECTRON LTD RECTRON[Rectron Semiconductor]
|
CG0603MLC-05E CG0603MLC-12E |
MLC Series Varistor ESD Clamp Protectors RESISTOR, VOLTAGE DEPENDENT, 12 V, SURFACE MOUNT MLC Series Varistor ESD Clamp Protectors RESISTOR, VOLTAGE DEPENDENT, 5 V, SURFACE MOUNT
|
Bourns Inc. Bourns, Inc.
|
P6KE39 P6KE20A P6KE440A P6KE200 P6KE7.5 P6KE7.5A P |
Unidirectional and bidirectional Transient Voltage Suppressor Diodes Multi-Standard Fully Integrated 13.56-MHz RFID AFE and Data Framing Reader System 32-QFN -40 to 110 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC Single Output LDO, 1.0A, Fixed(1.8V), Low Noise, High PSRR 6-SOT-223 -40 to 125 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC Unidirectional and bidirectional Transient Voltage Suppressor Diodes 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Panjit International Inc Diotec Elektronische
|
XAL4030-682ME XFL4020-472ME GRM31CR61C106KA88 LPS6 |
High Voltage, 1.2 MHz/600 kHz, 800 mA
|
Analog Devices
|
P6KE18A P6KE22 P6KE36A P6KE6.8A P6KE7.5A P6KE160 P |
600 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 138.00 V. Test current IT = 1 mA. TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 600W 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 600瓦特峰值功率瞬态电压抑制器 Power Amplifier Driver 32-VQFN -40 to 85 600瓦特峰值功率瞬态电压抑制器 600 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 284.00 V. Test current IT = 1 mA.
|
Shanghai Sunrise Electronics Bytes
|